Part Number Hot Search : 
ETC9320 TSH51107 AN144 Y10EL APM9410 EPJ4024 17814 D1853
Product Description
Full Text Search
 

To Download SI9926BDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SI9926BDY
Vishay Siliconix
Dual N-Channel 2.5-V (G-S) MOSFET
CHARACTERISTICS
* N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 5V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 72413 01-Jun-04 www.vishay.com
1
SPICE Device Model SI9926BDY Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Current
a
Symbol
Test Conditions
Simulated Data
0.96 394 0.015 0.022 26 0.80
Measured Data
Unit
VGS(th) ID(on) rDS(on) gfs VSD
VDS = VGS, ID = 250 A VDS 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 8.2 A VGS = 2.5 V, ID = 3.3 A VDS = 15 V, ID = 8.2 A IS = 1.7 A, VGS = 0 V
V A 0.016 0.024 29 0.80 S V
Drain-Source On-State Resistancea Forward Transconductancea Forward Voltagea
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 10 ID 1 A, VGEN = 10 V, RG = 6 VDS = 10 V, VGS = 4.5 V, ID = 8.2 A 10 2.5 3.2 50 32 24 14 11 2.5 3.2 35 50 31 15 ns nC
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com
2
Document Number: 72413 01-Jun-04
SPICE Device Model SI9926BDY
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 72413 01-Jun-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of SI9926BDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X